Part Number Hot Search : 
D103C DFR15A20 01R4SFL CD4755A 8221E3 NTE2309 SEG24 U3037M
Product Description
Full Text Search
 

To Download DTU40N08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 n-channel 30-v (d-s) mosfet features ? halogen-free ? t renchfet ? power mosfet ? 100 % r g test ed ? 100 % uis tested applications ? low -si de switch ? notebook dc/dc product summary v ds (v) r ds(on) ( ) i d (a ) a q g (t yp .) 30 0.022 at v gs = 10 v 40 13.8 nc 0.028 at v gs = 4.5 v 40 notes: a. base d on t c = 25 c. package limited. b. surface mounted on 1" x 1" fr4 board. c. t = 10 s. absolute maximum ratings t a = 25 c, unless otherwise noted pa rameter symbol limit unit dr ain-source voltage v ds 30 v gate -source v oltage v gs 20 continuous d r ain current (t j = 150 c ) t c = 25 c i d 40 a a t c = 70 c 40 a t a = 25 c 22.7 b, c t a = 70 c 19.7 b, c pulsed dra i n current i dm 70 av alanche c urrent l = 0.1 mh i as 35 av alanche energ y e as 61 mj continuous sou r ce-drain diode current t c = 25 c i s 40 a a t a = 25 c 4.1 b, c max imum power dissipation t c = 25 c p d 50 w t c = 70 c 32 t a = 25 c 5 b, c t a = 70 c 3.2 b, c oper ating junction and storage temperature range t j , t stg - 55 to 150 c solder in g recommendations (peak temperature) 260 thermal resist ance rat ings p arameter symb ol t ypical maximum un it maxim um junction-to-ambient t 10 s r thja 20 25 c / w maximum junction-to-case (drain) steady state r thjc 2.0 2.5 rohs compliant n-channel mosfet g d s t o-252 s gd top v ie w www.din-tek.jp dt u 40 n0 8
2 not e s: a. p ulse test; pulse width d 300 s, duty cycle d 2 %. b. guaranteed by design, not s ubject to production testing. stresses b eyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. s pecifications t j = 25 c, unless otherwise noted p aram eter sym bol test conditions min. typ. max. un it static drain-source breakdown v oltage v ds v gs = 0 v , i d = 250 a 30 v v ds t emper ature coefficient ' v ds /t j i d = 250 a 27 mv /c v gs(t h) temperature co efficient ' v gs(t h) /t j - 5.5 gate-s o urce threshold voltage v gs( t h) v ds = v gs , i d = 250 a 13 v gate-source leakage i gss v ds = 0 v, v gs = 20 v 1 0 0 na zero gate voltage drain current i dss v ds = 30 v , v gs = 0 v 1 a v ds = 30 v, v gs = 0 v, t j = 55 c 5 on-state dr ain current a i d(on) v ds t 5 v, v gs = 10 v 50 a drain-source on-state re sista nce a r ds(on) v gs  10 v, i d = 20 a 0.017 0 .022 : v gs  4.5 v , i d = 18 a 0.019 0 .028 f orward transconductance a g fs v ds = 15 v, i d = 20 a 90 s dynam i c b input capacita n ce c iss v ds = 1 5 v, v gs = 0 v, f = 1 mhz 17 20 pf output capacitance c oss 355 re v erse transfer capacitance c rss 130 t o tal gate charge q g v ds = 15 v, v gs = 1 0 v, i d = 2 0 a 29 44 nc v ds = 15 v , v gs = 4.5 v , i d = 20 a 13.8 21 gate-source charge q gs 5.0 gate-dr a in charge q gd 4.6 g ate resistance r g f = 1 mhz 1 .1 2.2 : tu r n - o n d e l ay t i m e t d( o n) v dd = 15 v, r l = 15 : i d # 1.0 a, v gen = 4.5 v, r g = 1 : 25 4 0 ns rise time t r 14 2 5 t urn-off delay time t d(off) 30 4 5 fa ll time t f 15 2 5 tu r n - o n d e l ay t i m e t d(o n) v dd = 15 v, r l = 15 : i d # 1.0 a, v gen = 10 v , r g = 1 : 11 2 0 rise time t r 915 t ur n-off delay time t d(off) 27 4 0 fa ll time t f 915 drain- so urce body diode characteristics continuous source-drain diode current i s t c = 25 c 40 a pulse diod e forward current i sm 70 body diode v o ltage v sd i s = 4.1 a, v gs  0 v 0.75 1.2 v body diode re verse recovery time t rr i f = 4.1 a, di/dt = 100 a/ s, t j = 25 c 25 5 0 ns body diode reverse recovery charge q rr 17 35 nc reverse recovery fall time t a 13 ns re v erse reco very rise time t b 12 zzzglqwhnms  '7 8  1 
3 typica l c har acteristics 25 c, unless otherwise noted output characteristics on-re sistance vs. drain current and gate voltage gate charge 0 10 20 30 40 50 60 70 0.0 0.5 1.0 1.5 2.0 v gs =1 0t h r u 4 v v gs =3 v v ds - drain - to-so u rce v oltage ( v ) - drain c u rrent (a) i d 0.003 0.004 0.005 0.006 0.007 0.00 8 0 1 02 03040506070 v gs =10 v v gs =4.5 v - on- r esistance ( ) r ds(on) i d - drain c u rrent (a) 0 2 4 6 8 10 0 6 12 1 8 24 30 v ds =22 . 5 v i d =2 0a v ds =7. 5 v v ds =15 v - gate-t o-so u rce v oltage ( v ) q g - t otal gate charge (nc) v gs transfer characteristics cap acitance on-resistance vs. junction temperature 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t c = 25 c t c = 125 c t c = - 55 c v gs - g ate -to-so u rce v oltage ( v ) - drain c u rrent (a) i d 0 600 1200 1 8 00 2400 0 6 12 1 8 24 30 c iss c oss c rss v ds - drain - to-so u rce v oltage ( v ) c - capacitance (pf) 0.7 0.9 1.1 1.3 1.5 1.7 - 50 - 25 0 25 50 75 100 125 150 v gs =10 v v gs =4 . 5 v i d =20a t j -j u nction t emperat u re (c) ( n ormalized) - on- r esistance r ds(on) www.din-tek.jp dt u 40 n0 8
4 ty pi cal ch aracteristics 25 c, unless otherwise noted sour ce-drain diode forward voltage threshold voltage 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1 0.01 0.001 0.1 10 100 t j = 150 c t j = - 50 c t j = 25 c v sd -so u rce - to-drain v oltage ( v ) - so u rce c u rrent (a) i s - 1.0 - 0.7 - 0.4 - 0.1 0.2 0.5 - 50 - 25 0 25 50 75 100 125 150 i d = 250 a i d =1ma v ariance ( v ) v gs(t h) t j - t emperat u re (c) on-re sistan ce vs. gate-to-source voltage single pulse power (junction-to-ambient) 0.000 0.005 0.010 0.015 0.020 0.025 0.030 012345 67 8 91 0 t j = 25 c t j = 125 c - on- r esistance ( ) r ds(on ) v gs - gate -to-so u rce v oltage ( v ) 0 40 8 0 120 160 200 0 1 1 1 00. 00 . 0 1 time (s) po w er ( w ) 0.1 safe op erating area, junction-to-ambient 100 1 0.1 1 10 100 0.01 10 0.1 t a = 25 c single p u lse limited b yr ds(on) * b v dss limited 1ms 100 s 10 ms 100 ms 1s 10 s 100 s dc v ds - drain - to-so u rce v oltage ( v ) * v gs > minim u m v gs at w hich r ds(on) is specified - drain c u rrent (a) i d www.din-tek.jp dt u 40 n0 8
5 typica l c har acteristics 25 c, unless otherwise noted * th e power dissipation p d is ba se d on t j(max) = 150 c , using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determine the current rating, when this rating falls below the package limit. current derating* 0 20 40 60 8 0 0 25 50 75 100 125 150 package limited t c - case t emperat u re (c) i d - drain c u rrent (a) powe r, ju nction-to-case 0 12 24 36 4 8 60 0 25 50 75 100 125 150 t c - case t emperat u re (c) po w er ( w ) powe r, junction-to-ambient 0.0 0.5 1.0 1.5 2.0 2.5 0 25 50 75 100 125 150 t a -am b ient t emperat u re (c) po w er ( w ) www.din-tek.jp dt u 40 n0 8
6 ty pi cal ch aracteristics 25 c, unless otherwise noted normalized t h ermal transient im pedance, junction-to-ambient 10 -3 10 -2 1 10 1000 10 -1 10 -4 100 0.2 0.1 0.05 s qu are w a v ep u lse d u ration (s) n ormalized ef fecti v e transient thermal impedance 1 0.1 0.01 single p u lse t 1 t 2 n otes: p dm 1. d u ty cycle, d = 2. per unit base = r thja = 70 c/ w 3. t jm -t a =p dm z thja (t) t 1 t 2 4. s u rfac e mo u nted d u ty c ycle = 0.5 0.02 nor m alized thermal transient impedance, junction-to-case 1 0.1 0.01 0.2 d u ty c ycle = 0.5 s qu are w a v ep u lse d u ration (s) n ormalized ef fecti v e transient thermal impedance 10 -3 10 -2 1 10 -1 10 -4 0.05 0.02 single p u lse 0.1 www.din-tek.jp dt u 40 n0 8
1 to-252aa case outline note ? dim en sion l3 is for reference only. l3 d l4 l5 b b2 e1 e1 d1 c a1 gage plane height (0.5 mm) e b3 e c2 a l h millimeters inches dim. min. max. min. max. a 2.18 2.38 0.086 0.094 a1 - 0.127 - 0.005 b 0.64 0.88 0.025 0.035 b2 0.76 1.14 0.030 0.045 b3 4.95 5.46 0.195 0.215 c 0.46 0.61 0.018 0.024 c2 0.46 0.89 0.018 0.035 d 5.97 6.22 0.235 0.245 d1 5.21 - 0.205 - e 6.35 6.73 0.250 0.265 e1 4.32 - 0.170 - h 9.40 10.41 0.370 0.410 e 2.28 bsc 0.090 bsc e1 4.56 bsc 0.180 bsc l 1.40 1.78 0.055 0.070 l3 0.89 1.27 0.035 0.050 l4 - 1.02 - 0.040 l5 1.14 1.52 0.045 0.060 ecn: x12-0247 -rev. m, 24-dec-12 dwg: 5347 package information www.din-tek.jp
1 application note rec ommended minimum pads for dpak (to-252) 0.420 (10.668) recommended mi nimum pads dimensions in inches/(mm) 0.224 (5.690) 0.180 (4.572) 0.055 (1.397) 0.243 (6.180) 0.087 (2.202) 0.090 (2.286) application note www.din-tek.jp
1 disclaimer all pro d uct, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. din-tek intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, din-tek ), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. din-tek makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, din-tek disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on din-tek s knowledge of typical requirements that are often placed on din-tek products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify din-tek s terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, din-tek products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the din-tek product could result in personal injury or death. customers using or selling din-tek products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized din-tek personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of din-tek . product names and markings noted herein may be trad emarks of their respective owners. material category policy din-tek intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some din-tek documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. din-tek intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some din-tek documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards. legal disclaimer notice www.din-tek.jp


▲Up To Search▲   

 
Price & Availability of DTU40N08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X